Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F337PMC Datasheet(PDF) 39 Page - fujitsu semiconductor

No. de pieza MB90F337PMC
Descripción Electrónicos  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F337PMC Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB90F337PMC Datasheet HTML 35Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 36Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 37Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 38Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 39Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 40Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 41Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 42Page - fujitsu semiconductor MB90F337PMC Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
MB90335 Series
DS07-13735-6E
39
(6) Timer Input Timing
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
Note : tCP is the machine cycle period (unit : ns) . Refer to “ (1) Clock input timing”.
(7) Timer output timing
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
(8) Trigger Input Timing
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
Note : tCP is the machine cycle period (unit : ns) . Refer to “ (1) Clock input timing”.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
Input pulse width
tTIWH
tTIWL
PWC
⎯
4 tCP
⎯
ns
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
CLK
↑ → TOUT change time
PPG0 to PPG3 change time
tTO
PPGx
⎯
30
⎯
ns
Parameter
Symbol
Pin name Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTRGH
tTRGL
INTx
⎯
5 tCP
⎯
ns
At normal operating
1
⎯μs
At Stop mode
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tTIWH
tTIWL
PWC
CLK
PPGx
2.4 V
tTO
2.4 V
0.8 V
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tTRGH
tTRGL
INTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com