Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMDF2P02HDR2G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MMDF2P02HDR2G
Descripción Electrónicos  Power MOSFET 2 Amps, 20 Volts P?묬hannel SO??, Dual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF2P02HDR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF2P02HDR2G Datasheet HTML 1Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 2Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 3Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 4Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 5Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 6Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 7Page - ON Semiconductor MMDF2P02HDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMDF2P02HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 3)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
−
−
25
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
−
−
100
nAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.5
4.0
2.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 2.0 Adc)
(VGS = 4.5 Vdc, ID = 1.0 Adc)
RDS(on)
−
−
0.118
0.152
0.160
0.180
W
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.0 Adc)
gFS
2.0
3.0
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
420
588
pF
Output Capacitance
Coss
−
290
406
Reverse Transfer Capacitance
Crss
−
116
232
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
(VDS = 10 Vdc, ID = 2.0 Adc,
VGS = 4.5 Vdc, RG = 6.0 W)
td(on)
−
19
38
ns
Rise Time
tr
−
66
132
Turn−Off Delay Time
td(off)
−
25
50
Fall Time
tf
−
37
74
Turn−On Delay Time
(VDD = 10 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc, RG = 6.0 W)
td(on)
−
11
22
Rise Time
tr
−
21
42
Turn−Off Delay Time
td(off)
−
45
90
Fall Time
tf
−
36
72
Gate Charge
(VDS = 16 Vdc, ID = 2.0 Adc,
VGS = 10 Vdc)
QT
−
15
20
nC
Q1
−
1.2
−
Q2
−
5.0
−
Q3
−
4.0
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 4)
(IS = 2.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−
−
1.5
1.24
2.1
−
Vdc
Reverse Recovery Time
(VDD = 15 V, IS = 2.0 A,
dIS/dt = 100 A/ms)
trr
−
38
−
ns
ta
−
17
−
tb
−
21
−
QRR
−
0.034
−
mC
3. Negative sign for P−Channel device omitted for clarity.
4. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.max.
5. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8