Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F727-E/ML Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza PIC16F727-E/ML
Descripción Electrónicos  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F727-E/ML Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16F727-E/ML Datasheet HTML 2Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 3Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 4Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 5Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 6Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 7Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 8Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 9Page - Microchip Technology PIC16F727-E/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 6
© 2009 Microchip Technology Inc.
TABLE 1:
28-PIN PDIP/SOIC/SSOP/QFN/UQFN SUMMARY
(PIC16F722/723/726/PIC16LF722/723/726)
I/O
28-Pin
PDIP,
SOIC,
SSOP
28-Pin
QFN,
UQFN
A/D
Cap Sensor
Timers
CCP
AUSART
SSP
Interrupt Pull-Up
Basic
RA0
2
27
AN0
SS(3)
VCAP(4)
RA1
3
28
AN1
RA2
4
1
AN2
RA3
5
2
AN3/VREF
——
RA4
6
3
CPS6
T0CKI
RA5
7
4
AN4
CPS7
SS(3)
——
VCAP(4)
RA6
10
7
OSC2/CLKOUT/VCAP(4)
RA7
9
6
OSC1/CLKIN
RB0
21
18
AN12
CPS0
IOC/INT
Y
RB1
22
19
AN10
CPS1
IOC
Y
RB2
23
20
AN8
CPS2
IOC
Y
RB3
24
21
AN9
CPS3
CCP2(2)
IOC
Y
RB4
25
22
AN11
CPS4
IOC
Y
RB5
26
23
AN13
CPS5
T1G
IOC
Y
RB6
27
24
IOC
Y
ICSPCLK/ICDCLK
RB7
28
25
IOC
Y
ICSPDAT/ICDDAT
RC0
11
8
T1OSO/T1CKI
RC1
12
9
T1OSI
CCP2(2)
——
RC2
13
10
CCP1
RC3
14
11
SCK/SCL
RC4
15
12
SDI/SDA
RC5
16
13
SDO
RC6
17
14
TX/CK
RC7
18
15
RX/DT
RE3
1
26
Y(1)
MCLR/VPP
—20
17
VDD
8,19
5,16
VSS
Note
1:
Pull-up enabled only with external MCLR configuration.
2:
RC1 is the default pin location for CCP2. RB3 may be selected by changing the CCP2SEL bit in the APFCON register.
3:
RA5 is the default pin location for SS. RA0 may be selected by changing the SSSEL bit in the APFCON register.
4:
PIC16F72X devices only.
Note:
The PIC16F72X devices have an internal low dropout voltage regulator. An external capacitor must be
connected to one of the available VCAP pins to stabilize the regulator. For more information, see
Section 5.0 “Low Dropout (LDO) Voltage Regulator”. The PIC16LF72X devices do not have the voltage
regulator and therefore no external capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com