| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GDZ8.2 Datasheet(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
GDZ8.2 Datasheet(HTML) 1 Page - Rohm |
|
1 / 5 page ![]() GDZ7.5 Diodes Rev.C 1/4 Zener diode GDZ7.5 Applications Constant voltage control Features 1) 2-pin ultra mini-mold type for high-density mounting(GMD2) 2) High reliability. 3) Can be mounted automatically,using chip mounter.. Construction Silicon epitaxial planar Dimensions (Unit : mm) Land size figure (Unit : mm) Taping dimensions (Unit : mm) Structure Absolute maximum ratings (Ta=25 C) Symbol Unit PmW Tj Tstg Topr 125 -55 to +125 100 Parameter Junction temperature Storage temperature Power dissipation Operating temperature -55 to +125 Limits |
Número de pieza similar - GDZ8.2 |
|
Descripción similar - GDZ8.2 |