Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSF5508 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

No. de pieza SSF5508
Descripción Electrónicos  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILIKRON [Silikron Semiconductor Co.,LTD.]
Página de inicio  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5508 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF5508 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
2of5
SSF5508
Gate-to-Source reverse leakage
-100
VGS=-20V
Qg
Total gate charge
—90
nC
ID=30A
VDD=30V
VGS=10V
Qgs
Gate-to-Source charge
14
Qgd
Gate-to-Drain("Miller") charge
24
td(on)
Turn-on delay time
18.2
nS
VDD=30V
ID=2A ,RL=15Ω
RG=2.5Ω
VGS=10V
tr
Rise time
15.6
td(off)
Turn-Off delay time
70.5
tf
Fall time
13.8
Ciss
Input capacitance
3150
pF
VGS=0V
VDS=25V
f=1.0MHZ
Coss
Output capacitance
300
Crss
Reverse transfer capacitance
240
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
110
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
.
(Body Diode) ①
400
VSD Diode Forward Voltage
1.3
V
TJ=25ْC,IS=68A,VGS=0V ③
trr
Reverse Recovery Time
57
nS
TJ=25ْC,IF=68A
di/dt=100A/μs ③
Qrr Reverse Recovery Charge
107
nC
ton Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Gate charge test circuit:
EAS test circuit:
BVdss
Notes:
Repetitive rating; pulse width limited by max junction temperature.
Test condition: L =0.3mH, ID = 57A, VDD = 27.5V
Pulse width≤300μS, duty cycle≤1.5% ; RG = 25Ω Starting TJ = 25°C



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com