Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSF5508 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

No. de pieza SSF5508
Descripción Electrónicos  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILIKRON [Silikron Semiconductor Co.,LTD.]
Página de inicio  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5508 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF5508 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
1of5
SSF5508
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25 ْC
Continuous drain current,VGS@10V
110
A
ID@Tc=100ْC
Continuous drain current,VGS@10V
80
IDM
Pulsed drain current ①
400
PD@TC=25ْC
Power dissipation
170
W
Linear derating factor
2.0
W/ ْC
VGS
Gate-to-Source voltage
±20
V
dv/dt
Peak diode recovery voltage
31
v/ns
EAS
Single pulse avalanche energy ②
480
mJ
EAR
Repetitive avalanche energy
TBD
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +150
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
0.73
ْC/W
RθJA
Junction-to-ambient
62
Electrical Characteristics @TJ=25 ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
55
V
VGS=0V,ID=250μA
RDS(on)
Static Drain-to-Source on-resistance
—4.5
8
mΩ
VGS=10V,ID=68A
VGS(th)
Gate threshold voltage
2.0
4.0
V
VDS=VGS,ID=250μA
gfs
Forward transconductance
-
58
S
VDS=5V,ID=30A
IDSS
Drain-to-Source leakage current
——
2
μA
VDS=55V,VGS=0V
——
10
VDS=55V,
VGS=0V,TJ=150ْC
IGSS
Gate-to-Source forward leakage
100
nA
VGS=20V
SSF5508 TOP View (TO220)
ID =110A
BV=55V
Rdson=4.5 mΩ(typ.)
Feathers:
Advanced trench process technology
Ultra low Rdson, typical 6mohm
High avalanche energy, 100% test
Fully characterized avalanche voltage and current
Description:
The SSF5508 is a new generation of middle voltage and high
current N–Channel enhancement mode trench power
MOSFET. This new technology increases the device reliability
and electrical parameter repeatability. SSF5508 is assembled
in high reliability and qualified assembly house.
Application:
Power switching application


Número de pieza similar - SSF5508

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
55V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF5508A SILIKRON-SSF5508A Datasheet
533Kb / 6P
Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
55V N-Channel MOSFET
SSF5508D GOOD-ARK-SSF5508D Datasheet
826Kb / 6P
Preliminary
More results

Descripción similar - SSF5508

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silikron Semiconductor ...
SSF6807 SILIKRON-SSF6807 Datasheet
339Kb / 5P
Power switching application
SSF6808 SILIKRON-SSF6808 Datasheet
340Kb / 5P
Power switching application
SSF7509 SILIKRON-SSF7509 Datasheet
359Kb / 5P
Power switching application
SSF7510 SILIKRON-SSF7510 Datasheet
335Kb / 5P
Power switching application
SSF1016 SILIKRON-SSF1016 Datasheet
338Kb / 5P
Power switching application
SSF1020 SILIKRON-SSF1020 Datasheet
335Kb / 5P
Power switching application
SSF6008 SILIKRON-SSF6008 Datasheet
339Kb / 5P
Power switching application
SSF6010 SILIKRON-SSF6010 Datasheet
298Kb / 5P
Power switching application
SSF6014 SILIKRON-SSF6014 Datasheet
298Kb / 5P
Power switching application
logo
Shenzhen Huazhimei Semi...
HM25N06Q HMSEMI-HM25N06Q Datasheet
681Kb / 6P
Power switching application
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com