Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6451MLFD Datasheet(PDF) 99 Page - Renesas Technology Corp

No. de pieza R5F6451MLFD
Descripción Electrónicos  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 95Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 96Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 97Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 101Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 102Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 99 of 116
R32C/151 Group
5. Electrical Characteristics
VCC =5V
Timing requirements (VCC = 4.2 to 5.5 V, VSS =0V, and Ta =Topr, unless otherwise noted)
Note:
1.
The values are applied in case filtering function is disabled.
Table 5.30
Serial Interface
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(CK)
CLKi input clock period
200
ns
tw(CKH)
CLKi input high level pulse width
80
ns
tw(CKL)
CLKi input low level pulse width
80
ns
tsu(D-C)
RXDi input setup time
80
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.31
A/D Trigger Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(ADH)
ADTRG input high level pulse width
Hardware trigger input high level pulse width
ns
tw(ADL)
ADTRG input low level pulse width
Hardware trigger input high level pulse width
125
ns
Table 5.32
External Interrupt INTi Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(INH)
INTi input high level pulse width (1) Edge sensitive
250
ns
Level sensitive
tc(CPU) + 200
ns
tw(INL)
INTi input low level pulse width (1)
Edge sensitive
250
ns
Level sensitive
tc(CPU) + 200
ns
3
φ
AD
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com