Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F6451MLFD Datasheet(PDF) 86 Page - Renesas Technology Corp

No. de pieza R5F6451MLFD
Descripción Electrónicos  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 82Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 83Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 84Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 85Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 86Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 87Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 88Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 89Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 86 of 116
R32C/151 Group
5. Electrical Characteristics
Notes:
1.
Program/erase definition
This value represents the number of erasures per block.
If the flash memory is programmed/erased n times, each block can be erased n times.
i.e. If 4-word write is performed in 512 different addresses in the block A of 4 Kbyte and then the
block is erased, it is considered the programming/erasure is performed just once.
However a write in the same address more than once for one erasure is disabled. (overwrite
disabled).
2.
The data retention time includes the periods when the supply voltage is not applied and no clock is
provided.
3.
This data retention includes 3000 hours in Ta = 125°C and 7000 hours in Ta = 85°C.
4.
Please contact a Renesas sales office regarding data retention time other than the above.
Table 5.8
Flash Memory Electrical Characteristics
(VCC = 3.0 to 5.5 V, VSS =0V, and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
—
Programming and erasure endurance of flash
memory (1)
Program area
1000
times
Data area
10000
times
—
4-word program time
Program area
150
900
µs
Data area
300
1700
µs
—
Lock bit-program time
Program area
70
500
µs
Data area
140
1000
µs
—
Block erasure time
4 Kbyte block
0.12
3.0
s
32 Kbyte block
0.17
3.0
s
64 Kbyte block
0.20
3.0
s
—
Data retention (2)
Ta = 55°C (3, 4)
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com