Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAS6011 Datasheet(PDF) 6 Page - Micro Analog systems

No. de pieza MAS6011
Descripción Electrónicos  Solar Cell System Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAS [Micro Analog systems]
Página de inicio  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6011 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS6011 Datasheet HTML 1Page - Micro Analog systems MAS6011 Datasheet HTML 2Page - Micro Analog systems MAS6011 Datasheet HTML 3Page - Micro Analog systems MAS6011 Datasheet HTML 4Page - Micro Analog systems MAS6011 Datasheet HTML 5Page - Micro Analog systems MAS6011 Datasheet HTML 6Page - Micro Analog systems MAS6011 Datasheet HTML 7Page - Micro Analog systems MAS6011 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DA6011.000
15 September 2008
6 (8)
MAS6011AA3 SAMPLES IN SBDIL 20 PACKAGE
VDD 1
GND 2
NC 3
NC 4
NC 5
NC 6
NC 7
NC 8
NC 9
NC 10
20 SOL
19 NC
18 NC
17 NC
16 NC
15 NC
14 NC
13 NC
12 LB
11 XPD
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
x = Sample Version Number
SBDIL 20 PIN DESCRIPTION
Pin Name
Pin
Type
Function
VDD
1
P
Positive Power Supply
GND
2
G
Power Supply Ground
NC
3, 4, 5, 6, 7, 8, 9, 10
XPD
11
DO
Power Down Output
LB
12
DO
Low Battery Output
NC
13, 14, 15, 16, 17, 18, 19
SOL
20
AO
Solar Charging Output
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, AO = Analog Output
MAS6011AA3 IN QFN 3x3 PACKAGE
Top Marking Information: 1234 = Product
Number, AA3 = Version Number
G = Lead Free, RoHS Compliant
Package, YWW = Year Week
QFN 3x3 PIN DESCRIPTION
Pin Name
Pin
Type
Function
SOL
1
AO
Solar Charging Output
VDD
2
P
Positive Power Supply
LB
3
DO
Low Battery Output
XPD
4
DO
Power Down Output
5
NC
GND
6
G
Power Supply Ground
NC = Not Connected, P = Power, G = Ground, DO = Digital Output, AO = Analog Output
QFN 3x3 6ld
SOL
GND
LB
VDD
XPD
4
1
1234
GAA3
YWW
2
3
5
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com