Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZMM24 Datasheet(PDF) 4 Page - PACELEADER INDUSTRIAL

No. de pieza ZMM24
Descripción Electrónicos  SURFACE MOUNT ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PACELEADER [PACELEADER INDUSTRIAL]
Página de inicio  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

ZMM24 Datasheet(HTML) 4 Page - PACELEADER INDUSTRIAL

  ZMM24 Datasheet HTML 1Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 2Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 3Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 4Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 5Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 6Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 7Page - PACELEADER INDUSTRIAL ZMM24 Datasheet HTML 8Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Forward characteristics
mA
iF
VF
10
10
10
1
10
10
10
10
10
0
0.2
0.4
0.6
0.8
1 V
3
2
-1
-2
-3
-4
-5
Tj=100 C
o
Tj=25 C
o
Admissible power dissipation
versus ambient temperature
Valid provided that electrodes are kept
at ambient temperature.
ZMM...
ZMM...
500
400
300
200
100
0
0
100
200 C
Tamb
Ptot
mW
o
ZMM 51
Test current Iz
5mA
0
10
0
2
6
4
8
Iz
20
30
40
50
60
Vz
80
70
90
100 V
ZMM 43
Breakdown characteristics
Tj = constant (pulsed)
mA
10
Tj=25 C
o
ZMM 39
ZMM 47
ZMM...
ZMM1 thru ZMM200
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
00
www.paceleader.tw
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com