Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CTG201003AMM Datasheet(PDF) 1 Page - American Accurate Components, Inc.

No. de pieza CTG201003AMM
Descripción Electrónicos  Chip Resistors - Tin / Gold Terminations Available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AAC [American Accurate Components, Inc.]
Página de inicio  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTG201003AMM Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CTG201003AMM Datasheet HTML 1Page - American Accurate Components, Inc. CTG201003AMM Datasheet HTML 2Page - American Accurate Components, Inc. CTG201003AMM Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
American Accurate Components, Inc.
THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
CT Series Chip Resistors – Tin / Gold Terminations Available
SCHEMATIC
DIMENSIONS (mm)
Size
L
W
c
d
t
0201
0.60 + 0.05
0.30 + 0.05
0.13 + 0.05
0.25+0.05
0.25 + 0.05
0402
1.00 + 0.05
0.5+0.1
-0.05
0.20 + 0.10
0.25+0.05
-0.10
0.35 + 0.05
0603
1.60 + 0.10
0.80 + 0.10
0.20 + 0.10
0.30+0.20
-0.10
0.50 + 0.10
0805
2.00 + 0.15
1.25 + 0.15
0.40 + 0.25
0.30+0.20
-0.10
0.50 + 0.15
1206
3.20 + 0.15
1.60 + 0.15
0.45 + 0.25
0.40+0.20
-0.10
0.60 + 0.15
1210
3.20 + 0.15
2.60 + 0.15
0.50 + 0.30
0.40+0.20
-0.10
0.60 + 0.10
1217
3.00 + 0.20
4.20 + 0.20
0.80 + 0.30
0.80 + 0.25
0.9 max
2010
5.00 + 0.15
2.60 + 0.15
0.50 + 0.30
0.40+0.20
-0.10
0.70 + 0.10
2020
5.08 + 0.20
5.08 + 0.20
0.80 + 0.30
0.80 + 0.30
0.9 max
2045
5.00 + 0.15
11.5+ 0.30
0.80 + 0.30
0.80 + 0.30
0.9 max
2512
6.30 + 0.15
3.10 + 0.15
0.60 + 0.25
0.50 + 0.25
0.60 + 0.10
Wraparound Termination
Top Side Termination, Bottom Isolated – CTG Type
CONSTRUCTION FIGURE
(Wraparound)
CONSTRUCTION MATERIALS
Item
Part
Material
Resistor
Nichrome Thin Film
Protective Film
Polymide Epoxy Resin
Electrode
a
Grounding Layer
Nichrome Thin Film
b
Electrode Layer
Copper Thin Film
c
Barrier Layer
Nickel Plating
d
Solder Layer
Solder Plating (Sn)
Substrate
Alumina
Marking
Epoxy Resin
&
The resistance value is on the front side
The production month is on the backside
HOW TO ORDER
CT G 10
1003
B X M
Packaging
M = Std. Reel
O = 1K Reel
TCR (PPM/
°C)
L = +1
P = +5
Y = +50
M = +2
Q = +10
Z = +100
N = +3
X = +25
Tolerance (%)
U=+.01
A=+.05
C=+.25
F=+1
P=+.02
B=+.10
D=+.50
EIA Resistance Value
Standard decade values
Size
20 = 0201
18 = 1206
11 = 2020
05 = 0402
14 = 1210
09 = 2045
16 = 0603
13 = 1217
01 = 2512
10 = 0805
12 = 2010
Termination Material
Sn = Leave Blank
Au = G
Series
CT = Thin Film Precision Resistors
Wire Bond Pads
Terminal Material: Au
FEATURES
Nichrome Thin Film Resistor Element
CTG type constructed with top side terminations,
wire bonded pads, and Au termination material.
Anti-Leaching Nickel Barrier Terminations
Very Tight Tolerances, as low as
±0.02%
Extremely Low TCR, as low as
±1ppm
Special Sizes available 1217, 2020, and 2045
Either ISO 9001 or ISO/TS 16949:2002
Certified
Applicable Specifications: EIA575, IEC 60115-1,
JIS C5201-1, CECC 40401, MIL-R-55342D


Número de pieza similar - CTG201003AMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
CTG24S SANKEN-CTG24S Datasheet
753Kb / 5P
Ultra Fast Recovery Diodes
More results

Descripción similar - CTG201003AMM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
RFP-050100-2X50-2 ANAREN-RFP-050100-2X50-2 Datasheet
496Kb / 2P
Chip Terminations
RFP-100200-4X50-2 ANAREN-RFP-100200-4X50-2 Datasheet
502Kb / 2P
Chip Terminations
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
Gold Terminations Precision Thin Film Chip Resistors
logo
American Accurate Compo...
TCD-2008B50J-G AAC-TCD-2008B50J-G Datasheet
91Kb / 1P
Chip Terminations
TCD-3020C50J-G AAC-TCD-3020C50J-G Datasheet
92Kb / 1P
Chip Terminations
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
Power RF Terminations / Resistors
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
Power RF Terminations / Resistors
logo
Vishay Siliconix
RC VISHAY-RC Datasheet
77Kb / 3P
Thick Film Chip Resistors, Alternate Terminations
01-Oct-14
logo
TT Electronics.
PFC-HTD TTELEC-PFC-HTD Datasheet
385Kb / 2P
Gold and 100% matte tin terminations available
logo
YAGEO Corporation
AR0402FR-071RL YAGEO-AR0402FR-071RL Datasheet
439Kb / 9P
CHIP RESISTORS WITH NI/AU TERMINATIONS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com