Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CTG201003AMM Datasheet(PDF) 2 Page - American Accurate Components, Inc.

No. de pieza CTG201003AMM
Descripción Electrónicos  Chip Resistors - Tin / Gold Terminations Available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AAC [American Accurate Components, Inc.]
Página de inicio  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTG201003AMM Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CTG201003AMM Datasheet HTML 1Page - American Accurate Components, Inc. CTG201003AMM Datasheet HTML 2Page - American Accurate Components, Inc. CTG201003AMM Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
American Accurate Components, Inc.
THIN FILM PRECISION CHIP RESISTORS
The content of this specification may change without notification 10/12/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
ELECTRICAL CHARACTERISTICS
Size
Power Rating
at 70
° (W)
Resistance Range
±% Tolerance
TCR (10-6/
°C)
Working
Voltage
Overload
Voltage
Operating
Temp Range
10.0 ~ 30.0
1
±100
0201
0.05
33.0 ~ 22.0K
0.5
±25
15V
30V
-55
°C ~ +125°C
10.0 ~ 46.4
0.1, 0.5, 1
±10, ±25, ±50
47.0 ~ 97.6
0.05, 0.1, 0.25, 0.5, 1
±10, ±25, ±50
100 ~ 2.94K
0.02, 0.05, 0.1, 0.25, 0.5, 1
±5, ±10, ±25, ±50
0402
0.031
0.063
3.00K ~ 100K
0.05, 0.1, 0.25, 0.5, 1
±10, ±25, ±50
50V
100V
-55
°C ~ +125°C
10.0 ~ 100K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1,2,3,5,10,25,50
-55
°C ~ +125°C
-55
°C ~ +155°C
102K ~ 270K
0.05, 0.1, 0.25, 0.5, 1
10, 25, 50
0603
0.063
0.100
274K ~ 360K
0.1, 0.25, 0.5, 1
10, 25, 50
75V
150V
-55
°C ~ +125°C
10.0 ~ 200K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1, 2, 3, 5, 10, 25, 50
205K ~ 360K
0.05, 0.1, 0.25, 0.5
10, 25, 50
365K ~ 487K
0.05, 0.1, 0.25, 0.5
10, 25
0805
0.100
499K ~ 1.00M
0.1, 0.5
25
100V
200V
-55
°C ~ +125°C
5.01 ~ 560K
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
1, 2, 3, 5, 10, 25, 50
1206
0.125
562K ~ 1.00M
0.05, 0.1, 0.25, 0.5
10, 25
150V
300V
-55
°C ~ +125°C
100 ~ 330K
0.1
±5, ±10
51.0 ~ 2.00M
0.1, 0.5
±25
1210
0.250
10.0 ~ 49.9
0.5
±50
200V
400V
-55
°C ~ +125°C
1217
0.250
5.10 ~ 1.00M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±1, 2, 3, 5, 10, 25
200V
400V
-55
°C ~ +155°C
100 ~ 20.0K
0.01, 0.05, 0.1, 0.25, 0.5
±5
50.0 ~ 40.0K
0.01, 0.05, 0.1, 0.25, 0.5
±10
10.0 ~500K
0.01, 0.05
4.70 -1.00M
0.1, 0.25, 0.5, 1
±25
10.0 ~500K
0.01, 0.05
2010
0.250
1.00 ~ 1.00M
0.1, 0.25, 0.5, 1
±50
150V
300V
-55
°C ~ +125°C
2020
0.500
5.10 ~ 2.00M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±1, 2, 3, 5, 10, 25
350V
700V
-55
°C ~ +155°C
2045
1.000
20.0 ~ 4.99M
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1
±1, 2, 3, 5, 10, 25
500V
1000V
-55
°C ~ +155°C
100 ~ 20.0K
0.01, 0.05, 0.1, 0.25, 0.5
±5
50.0 ~ 40.0K
0.01, 0.05, 0.1, 0.25, 0.5
±10
10.0R ~ 500K
0.01, 0.05
4.70 -1.00M
0.1, 0.25, 0.5, 1
±25
10.0R ~ 500K
0.01, 0.05
2512
0.500
1.00 1.00M
0.1, 0.25, 0.5, 1
±50
150V
300V
-55
°C ~ +125°C
* Rated Voltage: √PxR
** 0.01% may be available under special request



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com