| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MB90F334APMC Datasheet(PDF) 12 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F334APMC Datasheet(HTML) 12 Page - fujitsu semiconductor |
|
12 / 72 page ![]() MB90330A Series 12 DS07-13734-7E ■ I/O CIRCUIT TYPE (Continued) Type Circuit Remarks A • High-rate oscillation feedback resistor, approx.1 M Ω • Low-rate oscillation feedback resistor, approx.10 M Ω • With standby control B CMOS hysteresis input C • CMOS hysteresis input • N-ch open drain output D • CMOS output • CMOS hysteresis input (With input interception function at standby) Notes : • Share one output buffer because both output of I/O port and internal resource are used. • Share one input buffer because both input of I/O port and internal resource are used. ECMOS output F CMOS hysteresis input with pull-up resistor X1 X1A X0 X0A Clock input Standby control signal CMOS hysteresis input Nout N-ch CMOS hysteresis input Standby control signal Pout Nout P-ch N-ch CMOS hysteresis input Standby control signal Pout Nout P-ch N-ch R CMOS hysteresis input |