Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB90F334APMC Datasheet(PDF) 64 Page - fujitsu semiconductor

No. de pieza MB90F334APMC
Descripción Electrónicos  16-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB90F334APMC Datasheet(HTML) 64 Page - fujitsu semiconductor

Back Button MB90F334APMC Datasheet HTML 60Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 61Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 62Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 63Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 64Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 65Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 66Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 67Page - fujitsu semiconductor MB90F334APMC Datasheet HTML 68Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
MB90330A Series
64
DS07-13734-7E
7.
Flash memory write/erase characteristics
* : This value comes from the technology qualification. (using Arrhenius equation to translate high temperature
measurements into normalized value at
+ 85 °C)
Parameter
Condition
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA
= + 25 °C
VCC
= 3.0 V
⎯
115
s
Excludes 00H programming
prior to erasure.
Chip erase time
⎯
9
⎯
s
*:MB90F334A (384 Kbytes)
Excludes 00H programming
prior to erasure.
⎯
14
⎯
*:MB90F335A (512 Kbytes)
Excludes 00H programming
prior to erasure.
Word (16-bit width)
programming time
⎯
16
3600
μs
Except for over head time of
system level
Programming/erase cycle
⎯
10000
⎯⎯
cycle
Flash memory data
retaining period
Average
TA
= + 85 °C
20
⎯⎯
year
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com