Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TK71546ASCL/46 Datasheet(PDF) 10 Page - TOKO, Inc

No. de pieza TK71546ASCL/46
Descripción Electrónicos  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKO [TOKO, Inc]
Página de inicio  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71546ASCL/46 Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK71546ASCL/46 Datasheet HTML 6Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 7Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 8Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 9Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 10Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 11Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 12Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 13Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Page 10
March 2001 TOKO, Inc.
TK715xxAS
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear regulators require input and output capacitors in order to maintain regulator loop stability. The output capacitor
should be selected within the Equivalent Series Resistance (ESR) range as shown in the graphs below for stable
operation. The output capacitor C
L can be reduced as the output voltage is increased. However, the output noise will
increase as C
L is reduced, so the largest value of CL possilbe is recommended (CL = 4.7 mF or more).
Note: It is very important to check the selected manufacturers electrical characteristics (capacitance and ESR) over
temperature.
Range which can be used:
Range which can be used: V
OUT ³ 1.9V
I
OUT = 1 mA ~ Max,
TANTALUM CAP.
³ 0.1 mF (CERAMIC CAP 0.22 mF
+ 2.2
W
Capacitor used for evaluation: V
OUT ³ 1.5V
I
OUT = 1 mA ~ Max,
TANTALUM CAP.
³ 0.22 mF (CERAMIC CAP 0.22
mF + 2.2W
V
OUT ³ 2.8V
I
OUT = 1 mA ~ Max, MULTI LAYER CERAMIC CAP. ³ 0.68 mF
V
OUT ³ 2.0V
I
OUT = 1 mA ~ Max, MULTI LAYER CERAMIC CAP. ³ 1.0 mF
V
OUT ³ 1.5V
I
OUT = 1 mA ~ Max, MULTI LAYER CERAMIC CAP. ³ 4.7 mF
ESR
≥ 0.01 Ω
0.68
µF ≤ CL ≤ 4.7 µF or More
ESR
≥ 1.0 Ω
0.1
µF ≤ CL ≤ 0.22 µF or More
MULTI LAYER CERAMIC CAP
I
OUT
(mA)
5.0
1.6
1.5
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
0
20
40
60
80
100
CL = 4.7 µF MLCC or More
CL = 0.68 µF MLCC
C
IN
= 0.1
µF
Stable area is
above the line
UNSTABLE AREA UNDER
AND TO THE LEFT
3.3
µF
2.2
µF
1.0
µF
TANTALUM CAP
I
OUT
(mA)
5.0
1.6
1.5
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
0
20
40
60
80
100
Stable area is
above the line
UNSTABLE AREA UNDER
AND TO THE LEFT
CL = 0.22 µF (TANTALUM) or More
CL = 0.1 µF TANTALUM
0.1
µF
CIN = 0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com