Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TK71546ASCL/46 Datasheet(PDF) 5 Page - TOKO, Inc

No. de pieza TK71546ASCL/46
Descripción Electrónicos  LOW DROPOUT VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKO [TOKO, Inc]
Página de inicio  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71546ASCL/46 Datasheet(HTML) 5 Page - TOKO, Inc

  TK71546ASCL/46 Datasheet HTML 1Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 2Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 3Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 4Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 5Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 6Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 7Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 8Page - TOKO, Inc TK71546ASCL/46 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
March 2001 TOKO, Inc.
Page 5
TK715xxAS
TYPICAL PERFORMANCE CHARACTERISTICS
T
A = 25 °C, unless otherwise specified.
TEST CIRCUIT
LOAD REGULATION
IOUT (mA)
0
50
100
VOUT TYPICAL
3
5
SHORT CIRCUIT CURRENT
IOUT (mA)
1
0
100
200
4
2
0
OUTPUT VOLTAGE vs.
INPUT VOLTAGE
VIN (V)
0
VOUT TYPICAL
IOUT = 100 mA
IOUT = 50 mA
IOUT = 0 mA
VIN = VOUT
50 mV/DIV
60
100
REVERSE BIAS CURRENT RANGE
VREV (V)
20
0
5
10
80
40
0
VOUT = 2.0 V
VOUT = 8.0 V
Because the output voltage is
different, the reverse current
will change this area.
(VIN = 0 V)
2
INPUT CURRENT VS.
INPUT VOLTAGE
VIN (V)
0
5
10
1
0
IOUT = 0 mA
VOUT = 3 V
LINE REGULATION
VIN (V)
0
10
20
VOUT TYPICAL
IOUT
VIN
VIN
VOUT
CIN
0.1 µF
VOUT
IIN
GND
CL
1.0 µF
TANTALUM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com