Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6216DC01PR Datasheet(PDF) 26 Page - Torex Semiconductor

No. de pieza XC6216DC01PR
Descripción Electrónicos  Voltage Regulators with Stand-by Function - Input Voltage: 28V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DC01PR Datasheet(HTML) 26 Page - Torex Semiconductor

Back Button XC6216DC01PR Datasheet HTML 22Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 23Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 24Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 25Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 26Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 27Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 28Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 29Page - Torex Semiconductor XC6216DC01PR Datasheet HTML 30Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
26/43
XC6216/XE6216 Series
XC6216B/D 502
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CL=1.0uF(ceramic)
XC6216B/D C02
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
Output Current : IOUT (mA)
Ta=-40℃
Ta=25℃
Ta=85℃
CIN=CL=1.0uF (ceramic)
Output Current: IOUT (V)
Output Current: IOUT (V)
XC6216B/C/D 202
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
1620
2428
Input Voltage : VIN (V)
Ta=-40℃
Ta=25℃
Ta=85℃
XC6216B/C/D 202
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
Ambient Temprature: Ta (℃)
VIN=4.0V
Input Voltage: VIN (V)
XC6216B/D 332
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16202428
Input Voltage : VIN (V)
Ta=-40℃
Ta=25℃
Ta=85℃
XC6216B/D 332
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
Ambient Temprature: Ta (℃)
VIN=5.3V
Input Voltage: VIN (V)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage
(3) Dropout Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com