| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530-HiRel Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-1. Ball Characteristics (CBB Pkg.) (continued) BALL BALL PIN MODE [4] TYPE [5] BALL BALL RESET POWER [9] HYS BUFFER PULL IO BOTTOM [1] TOP [2] NAME [3] RESET RESET REL. [10] STRENGTH U/D CELL [13] STATE [6] REL. MODE [8] (mA) [11] TYPE STATE [7] [12] safe_mode 7 T28 NA hsusb0_clk 0 I L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_120 4 IO safe_mode 7 T25 NA hsusb0_stp 0 O H H 7 VDDS Yes 4 PU/ PD LVCMOS gpio_121 4 IO safe_mode 7 R28 NA hsusb0_dir 0 I L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_122 4 IO safe_mode 7 T26 NA hsusb0_nxt 0 I L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_124 4 IO safe_mode 7 T27 NA hsusb0_ data0 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS uart3_tx_ irtx 2 O gpio_125 4 IO safe_mode 7 U28 NA hsusb0_ data1 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS uart3_rx_ irrx 2 I gpio_130 4 IO safe_mode 7 U27 NA hsusb0_ data2 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS uart3_rts_ sd 2 O gpio_131 4 IO safe_mode 7 U26 NA hsusb0_ data3 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS uart3_cts_ rctx 2 IO gpio_169 4 IO safe_mode 7 U25 NA hsusb0_ data4 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_188 4 IO safe_mode 7 V28 NA hsusb0_ data5 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_189 4 IO safe_mode 7 V27 NA hsusb0_ data6 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_190 4 IO safe_mode 7 V26 NA hsusb0_ data7 0 IO L L 7 VDDS Yes 4 PU/ PD LVCMOS gpio_191 4 IO safe_mode 7 K21 NA i2c1_scl 0 IOD H H 0 VDDS Yes 4 PU/ PD Open Drain J21 NA i2c1_sda 0 IOD H H 0 VDDS Yes 4 PU/ PD Open Drain AF15 NA i2c2_scl 0 IOD H H 7 VDDS Yes 4 PU/ PD Open Drain gpio_168 4 IO safe_mode 7 AE15 NA i2c2_sda 0 IOD H H 7 VDDS Yes 4 PU/ PD Open Drain gpio_183 4 IO safe_mode 7 AF14 NA i2c3_scl 0 IOD H H 7 VDDS Yes 4 PU/ PD Open Drain gpio_184 4 IO safe_mode 7 AG14 NA i2c3_sda 0 IOD H H 7 VDDS Yes 4 PU/ PD Open Drain gpio_185 4 IO TERMINAL DESCRIPTION 24 Submit Documentation Feedback |