| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OMAP3530-HiRel Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 239 page ![]() 2.4.7 General-Purpose IOs OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-25. General-Purpose IOs Signals Description(1) SIGNAL NAME DESCRIPTION TYPE(2) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) gpio_0 General-purpose IO 0 IO AF26 V16 gpio_1 General-purpose IO 1 IO AF25 W15 gpio_2 General-purpose IO 2 IO AH26 F3 gpio_3 General-purpose IO 3 IO AG26 D3 gpio_4 General-purpose IO 4 IO AE14 C3 gpio_5 General-purpose IO 5 IO AF18 E3 gpio_6 General-purpose IO 6 IO AF19 E4 gpio_7 General-purpose IO 7 IO AE21 G3 gpio_8 General-purpose IO 8 IO AF21 D4 gpio_9 General-purpose IO 9 IO AF22 V12 gpio_10 General-purpose IO 10 IO AG25 AE14 gpio_11 General-purpose IO 11 IO AA11 Y15 gpio_12 General-purpose IO 12 IO AF10 AB2 gpio_13 General-purpose IO 13 IO AE10 AB3 gpio_14 General-purpose IO 14 IO AF11 AC3 gpio_15 General-purpose IO 15 IO AG12 AD4 gpio_16 General-purpose IO 16 IO AH12 AD3 gpio_17 General-purpose IO 17 IO AE13 AA3 gpio_18 General-purpose IO 18 IO AE11 Y3 gpio_19 General-purpose IO 19 IO AH9 AB1 gpio_20 General-purpose IO 20 IO AF13 AE3 gpio_21 General-purpose IO 21 IO AH14 AA2 gpio_22 General-purpose IO 22 IO AF9 AA4 gpio_23 General-purpose IO 23 IO AG9 V2 gpio_24 General-purpose IO 24 IO AE7 AE4 gpio_25 General-purpose IO 25 IO AF7 AF6 gpio_26 General-purpose IO 26 IO AG7 AE6 gpio_27 General-purpose IO 27 IO AH7 AF7 gpio_28 General-purpose IO 28 IO AG8 AF9 gpio_29 General-purpose IO 29 IO AH8 AE9 gpio_30 General-purpose IO 30 IO AF24 AD7 gpio_31 General-purpose IO 31 IO AA10 Y14 gpio_34 General-purpose IO 34 IO N4 J2 gpio_35 General-purpose IO 35 IO M4 H1 gpio_36 General-purpose IO 36 IO L4 H2 gpio_37 General-purpose IO 37 IO K4 G2 gpio_38 General-purpose IO 38 IO T3 F1 gpio_39 General-purpose IO 39 IO R3 F2 gpio_40 General-purpose IO 40 IO N3 E1 gpio_41 General-purpose IO 41 IO M3 E2 gpio_42 General-purpose IO 42 IO L3 D1 gpio_43 General-purpose IO 43 IO K3 D2 gpio_44 General-purpose IO 44 IO H2 V1 (1) NA in table stands for Not Applicable. (2) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) TERMINAL DESCRIPTION 84 Submit Documentation Feedback |