Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZXMP6A17K Datasheet(PDF) 4 Page - Diodes Incorporated

No. de pieza ZXMP6A17K
Descripción Electrónicos  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17K Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP6A17K Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP6A17K
Document Revision: 2
4 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A17K
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-60
V
ID = -250μA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-0.5
μA
VDS= -60V, VGS= 0V
Gate-Source Leakage
IGSS
±100
nA
VGS= ±20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
-1.0
V
ID= -250μA, VDS= VGS
Static Drain-Source On-Resistance (Note 7)
RDS (ON)
0.125
VGS= -10V, ID= -2.3A
0.190
VGS= -4.5V, ID= -1.9A
Forward Transconductance (Notes 7 & 8)
gfs
4.7
S
VDS= -15V, ID= -2.2A
Diode Forward Voltage (Note 7)
VSD
-0.85
-0.95
V
IS= -2A, VGS= 0V
Reverse recovery time (Note 8)
trr
25.1
ns
IS= -1.7A, di/dt= 100A/μs
Reverse recovery charge (Note 8)
Qrr
27.2
nC
DYNAMIC CHARACTERISTICS (
Note 8)
Input Capacitance
Ciss
637
pF
VDS= -30V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
70
pF
Reverse Transfer Capacitance
Crss
53
pF
Total Gate Charge
Qg
9.0
nC
VGS= -4.5V
VDS= -30V
ID= -2.2A
Total Gate Charge
Qg
17.7
nC
VGS= -10V
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
4.4
nC
Turn-On Delay Time (Note 9)
tD(on)
2.6
ns
VDD= -30V, VGS= -10V
ID= -1A, RG ≅ 6.0Ω
Turn-On Rise Time (Note 9)
tr
3.4
ns
Turn-Off Delay Time (Note 9)
tD(off)
26.2
ns
Turn-Off Fall Time (Note 9)
tf
11.3
ns
Notes:
7. Measured under pulsed conditions. Pulse width
≤ 300μs; duty cycle ≤ 2%
8. For design aid only, not subject to production testing.
9. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com