Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMS320VC549 Datasheet(PDF) 37 Page - Texas Instruments

No. de pieza TMS320VC549
Descripción Electrónicos  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 33Page - Texas Instruments TMS320VC549 Datasheet HTML 34Page - Texas Instruments TMS320VC549 Datasheet HTML 35Page - Texas Instruments TMS320VC549 Datasheet HTML 36Page - Texas Instruments TMS320VC549 Datasheet HTML 37Page - Texas Instruments TMS320VC549 Datasheet HTML 38Page - Texas Instruments TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching mode from one PLL multiplier to another (continued)
Also, note that a direct switch between divide-by-two mode and divide-by-four mode is not possible. To switch
between these two modes, the clock generator must first be set to PLL mode with an integer-only
(non-fractional) multiplier ratio, and then set back to DIV mode in the desired divider configuration (see previous
sections for details on switching between DIV and PLL modes).
The following software example shows a code sequence that can be used to switch clock mode from PLL
× X
to PLL
× 1.
STM
#0b, CLKMD
;switch to DIV mode
TstStatu:
LDM
CLKMD, A
AND
#01b, A
;poll STATUS bit
BC
TstStatu, ANEQ
STM
#0000001111101111b, CLKMD
;switch to PLL
1 mode
programmable clock generator operation immediately following reset
Immediately following reset, the operating mode of the clock generator is determined only on the basis of the
CLKMD1/2/3 pin state as described in Table 6. All but two of these operating modes are ’divide-by-two with
external source’. Switching from divide-by-two to a PLL mode can easily be accomplished by changing the
CLKMD register contents. Note that if use of the internal oscillator is desired, either the 100 or the 111 state of
the CLKMD1– CLKMD3 pins must be selected at reset (as shown in Table 6) since the internal oscillator cannot
be programmed through software.
The following software example shows an instruction that can be used to switch from divide-by-two mode to
the PLL
3 mode.
STM
#0010000101001111b, CLKMD
considerations when using IDLE1/IDLE2/IDLE3
When using one of the IDLE instructions to reduce power requirements, proper management of the PLL is
important. The clock generator consumes the least power when operating in DIV mode with the PLL disabled.
Therefore, if power dissipation is a significant consideration, it is desirable to switch from PLL to DIV mode, and
disable the PLL, before executing the IDLE1/IDLE2/IDLE3 instructions. This is accomplished as explained
above in the section describing switching clock mode from PLL to DIV. After waking up from
IDLE1/IDLE2/IDLE3, the clock generator can be reprogrammed to PLL mode as explained above in the section
describing switching clock mode from DIV to PLL.
Note that when the PLL is stopped during an IDLE state, and the ’54x device is restarted and the clock generator
is switched back to PLL mode, the PLL lockup delay occurs in the same manner as in a normal device startup.
Therefore, in this case, the lockup delay must also be accounted for, either externally or by using the PLL lockup
counter timer.
The following software example illustrates a code sequence that switches the clock generator from PLL
3
mode to divide-by-two mode, turns off the PLL, and enters IDLE3. After waking up from IDLE3, the clock
generator is switched back from DIV mode to PLL
3 mode using a single STM instruction, with a PLLCOUNT
of 64 (decimal) used for the lock timer value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More