| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5522-ASZ Datasheet(PDF) 11 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5522-ASZ Datasheet(HTML) 11 Page - Cirrus Logic |
|
11 / 56 page ![]() CS5521/22/23/24/28 DS317F6 11 SWITCHING CHARACTERISTICS (T A = 25° C; VA+ = 5 V ±5%; VD+ = 3.0 V ±10% or 5 V ±5%; Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50 pF.)) Notes: 25. Device parameters are specified with a 32.768 kHz clock; however, clocks up to 200 kHz (CS5522/24/28) or 130 kHz (CS5521/23) can be used for increased throughput. 26. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF. 27. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external clock source. 28. Applicable when SCLK is continuously running. Specifications are subject to change without notice. Parameter Symbol Min Typ Max Unit Master Clock Frequency (Note 25) External Clock or Internal Oscillator (CS5522/24/28) (CS5521/23) XIN 30 30 32.768 32.768 200 130 kHz kHz Master Clock Duty Cycle 40 - 60 % Rise Times (Note 26) Any Digital Input Except SCLK SCLK Any Digital Output trise - - - - - 50 1.0 100 - µs µs ns Fall Times (Note 26) Any Digital Input Except SCLK SCLK Any Digital Output tfall - - - - - 50 1.0 100 - µs µs ns Start-up Oscillator Start-up Time XTAL = 32.768 kHz (Note 27) tost -500 - ms Serial Port Timing Serial Clock Frequency SCLK 0 - 2 MHz SCLK Falling to CS Falling for continuous running SCLK (Note 28) t0 100 - - ns Serial Clock Pulse Width High Pulse Width Low t1 t2 250 250 - - - - ns ns SDI Write Timing CS Enable to Valid Latch Clock t3 50 - - ns Data Set-up Time prior to SCLK rising t4 50 - - ns Data Hold Time After SCLK Rising t5 100 - - ns SCLK Falling Prior to CS Disable t6 100 - - ns SDO Read Timing CS to Data Valid t7 -- 150 ns SCLK Falling to New Data Bit t8 -- 150 ns CS Rising to SDO Hi-Z t9 -- 150 ns |