| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5522-ASZ Datasheet(PDF) 50 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5522-ASZ Datasheet(HTML) 50 Page - Cirrus Logic |
|
50 / 56 page ![]() CS5521/22/23/24/28 50 DS317F6 NBV - Negative Bias Voltage. Input pin to supply the negative supply voltage for the 20X gain instrumentation amplifier and coarse/fine charge buffers. May be tied to AGND if AIN+ and AIN- inputs are centered around +2.5 V; or it may be tied to a negative supply voltage (-2.1 V typical) to allow the amplifier to handle low level signals more negative than ground. When using the CS5528 in either the 25 mV, 55 mV or 100 mV range, the analog inputs are expected to be ground referenced; therefore, NBV must be between -1.8 to -2.5 to ensure proper operation. CPD - Charge Pump Drive. Square wave output used to provide energy for the charge pump. 2.4 Power Supply Connections VA+ - Positive Analog Power. Positive analog supply voltage. Nominally +5 V. VD+ - Positive Digital Power. Positive digital supply voltage. Nominally +3.0 V or +5 V. AGND - Analog Ground. Analog Ground. DGND - Digital Ground. Digital Ground. |