| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M16C/1N Datasheet(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N Datasheet(HTML) 68 Page - Renesas Technology Corp |
|
68 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 56 of 222 M16C/1N Group 10. Interrupt REJ09B0007-0100Z Address Content of previous stack Stack area [SP] Stack pointer value before interrupt occurs m m - 1 m - 2 m - 3 m - 4 Stack status before interrupt request is acknowledged Stack status after interrupt request is acknowledged Content of previous stack m + 1 MSB LSB m m - 1 m - 2 m - 3 m - 4 Address Flag register (FLGL) Content of previous stack Stack area Flag register (FLGH) Program counter (PCH) [SP] New stack pointer value Content of previous stack m + 1 MSB LSB Program counter (PCL) Program counter (PCM) 10.1.5.8 Saving Registers In the interrupt sequence, only the contents of the flag register (FLG) and that of the program counter (PC) are saved in the stack area. First, the processor saves the 4 high-order bits of the program counter, and 4 high-order bits and 8 low-order bits of the FLG register, 16 bits in total, in the stack area, then saves 16 low-order bits of the program counter. Figure 10.6 shows the state of the stack as it was before the acceptance of the interrupt request, and the state the stack after the acceptance of the interrupt request. Save other necessary registers at the beginning of the interrupt routine using software. Using the PUSHM instruction alone can save all the registers except the stack pointer (SP). Figure 10.6 State of stack before and after acceptance of interrupt request Interrupt sources without priority levels Watchdog timer Reset Other Value set in the IPL 7 0 Not changed 10.1.5.7 Variation of IPL when Interrupt Request is Accepted If an interrupt request is accepted, the interrupt priority level of the accepted interrupt is set in the IPL. If an interrupt request, that does not have an interrupt priority level, is accepted, one of the values shown in Table 10.6 is set in the IPL. Table 10.6 Relationship between interrupts without interrupt priority levels and IPL |