Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 122 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 118Page - Renesas Technology Corp M30623SC Datasheet HTML 119Page - Renesas Technology Corp M30623SC Datasheet HTML 120Page - Renesas Technology Corp M30623SC Datasheet HTML 121Page - Renesas Technology Corp M30623SC Datasheet HTML 122Page - Renesas Technology Corp M30623SC Datasheet HTML 123Page - Renesas Technology Corp M30623SC Datasheet HTML 124Page - Renesas Technology Corp M30623SC Datasheet HTML 125Page - Renesas Technology Corp M30623SC Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 231 page
background image
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
UART2 Special Mode Register 2
121
Bit 4 of the UART2 special mode register 2 (address 037616) is used as the UART2 initialization bit.
Setting this bit to "1", and when the start condition is detected, the microcomputer operates as follows.
(1) The transmission shift register is initialized, and the content of the transmission register is transferred
to the transmission shift register. This starts transmission by dealing with the clock entered next as the
first bit. The UART2 output value, however, doesn’t change until the first bit data is output after the
entrance of the clock, and remains unchanged from the value at the moment when the microcomputer
detected the start condition.
(2) The reception shift register is initialized, and the microcomputer starts reception by dealing with the
clock entered next as the first bit.
(3) The SCL wait output bit turns to "1". This turns the SCL pin to "L" at the falling edge of the ninth bit of
the clock.
Starting to transmit/receive signals to/from UART2 using this function doesn’t change the value of the
transmission buffer empty flag. To use this function, choose the external clock for the transfer clock.
Bit 5 of the UART2 special mode register 2 (037616) is used as the SCL pin wait output bit 2. Setting this
bit to "1" with the serial I/O specified allows the user to forcibly output an "L" from the SCL pin even if
UART2 is in operation. Setting this bit to "0" frees the "L" output from the SCL pin, and the UART2 clock
is input/output.
Bit 6 of the UART2 special mode register 2 (037616) is used as the SDA output disable bit. Setting this bit
to "1" forces the SDA pin to turn to the high-impedance state. Refrain from changing the value of this bit
at the rising edge of the UART2 transfer clock. There can be instances in which arbitration lost detection
flag is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com