Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS15L45CB Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STPS15L45CB
Descripción Electrónicos  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L45CB Datasheet(HTML) 3 Page - STMicroelectronics

  STPS15L45CB Datasheet HTML 1Page - STMicroelectronics STPS15L45CB Datasheet HTML 2Page - STMicroelectronics STPS15L45CB Datasheet HTML 3Page - STMicroelectronics STPS15L45CB Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STPS15L45CB
3/4
0
10
20
30
40
50
60
70
80
90
100
1.E-03
1.E-02
1.E-01
1.E+00
t(s)
Tc=25°C
Tc=75°C
Tc=125°C
IM(A)
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values).
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
VR(V)
Tj=150°C
Tj=125°C
Tj=25°C
Tj=100°C
Tj=75°C
Tj=50°C
IR(mA)
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VFM(V)
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
IFM(A)
Fig. 9: Forward voltage drop versus forward current.
0
10
20
30
40
50
60
70
80
90
100
02468
10
12
14
16
18
20
S(cm²)
Rth(j-a)(°C/W)
Fig. 10: Thermal resistance junction to ambient ver-
sus copper surface under tab (epoxy printed board
FR4, Cu = 35µm).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
0.1
1.0
10.0
1
10
100
VR(V)
F=1MHz
Vosc=30mV
Tj=25°C
C(nF)
Fig. 8 Junction capacitance versus reverse voltage
applied (typical values).



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com