Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS15L25G Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STPS15L25G
Descripción Electrónicos  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L25G Datasheet(HTML) 3 Page - STMicroelectronics

  STPS15L25G Datasheet HTML 1Page - STMicroelectronics STPS15L25G Datasheet HTML 2Page - STMicroelectronics STPS15L25G Datasheet HTML 3Page - STMicroelectronics STPS15L25G Datasheet HTML 4Page - STMicroelectronics STPS15L25G Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS15L25D/G
3/5
1E-3
1E-2
1E-1
1E+0
0
50
100
150
200
250
300
350
IM(A)
Tc=25°C
Tc=100°C
Tc=75°C
t(s)
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values).
0
5
10
15
20
25
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
IR(mA)
Tj=125°C
Tj=25°C
Tj=150°C
VR(V)
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1.0E-4
1.0E-3
1.0E-2
1.0E-1
1.0E+0
0.0
0.2
0.4
0.6
0.8
1.0
t(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
12
5
10
20
30
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25°C
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values).
IFM(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1.0
10.0
100.0
200.0
VFM(V)
Tj=25°C
Tj=125°C
Typical values
Tj=150°C
Fig. 9: Forward voltage drop versus forward
current (maximum values).
0
4
8
1216
202428323640
0
10
20
30
40
50
60
70
80
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under tab (Epoxy printed
circuit board FR4, copper thickness : 35 µm).
(STPS15L25G only)



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com