Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS15L25G Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STPS15L25G
Descripción Electrónicos  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS15L25G Datasheet(HTML) 1 Page - STMicroelectronics

  STPS15L25G Datasheet HTML 1Page - STMicroelectronics STPS15L25G Datasheet HTML 2Page - STMicroelectronics STPS15L25G Datasheet HTML 3Page - STMicroelectronics STPS15L25G Datasheet HTML 4Page - STMicroelectronics STPS15L25G Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS15L25D/G
®
July 2003 - Ed : 5B
LOW DROP POWER SCHOTTKY RECTIFIER
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
25
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward current
Tc = 145°C
δ = 0.5
15
A
IFSM
Surge non repetitive forward current
tp = 10ms Sinusoidal
250
A
IRRM
Repetitive peak reverse current
tp = 2µs square F=1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100µs square
4A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
9000
W
Tstg
Storage temperature range
-65to+150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values)
TO-220AC
STPS15L25D
n
VERY LOW FORWARD VOLTAGE DROP
FOR LESS POWER DISSIPATION AND RE-
DUCED HEATSINK
n
OPTIMIZED CONDUCTION/REVERSE LOSSES
TRADE-OFF WHICH MEANS THE HIGHEST
EFFICIENCY IN THE APPLICATIONS
n
AVALANCHE CAPABILITY SPECIFIED
FEATURES
Single Schottky rectifier suited for Switched Mode
Power Supplies and high frequency DC to DC
converters (VRMS).
Packaged in TO-220AC or D
2PAK, this device is
especially intended for use as a Rectifier at the
secondary of 3.3V SMPS and DC/DC units.
DESCRIPTION
IF(AV)
15 A
VRRM
25 V
Tj (max)
150 °C
VF (max)
0.35 V
MAIN PRODUCT CHARACTERISTICS
K
A
D2PAK
STPS15L25G
NC
A
K
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink


Número de pieza similar - STPS15L25G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STPS15L25G STMICROELECTRONICS-STPS15L25G Datasheet
85Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS15L25G-TR STMICROELECTRONICS-STPS15L25G-TR Datasheet
85Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Descripción similar - STPS15L25G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com