Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPFD54126B Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

No. de pieza SPFD54126B
Descripción Electrónicos  528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SPFD54126B Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SPFD54126B Datasheet HTML 26Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 27Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 28Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 29Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 30Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 31Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 32Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 33Page - List of Unclassifed Manufacturers SPFD54126B Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 232 page
background image
P
Prre
elliim
miin
na
arry
y
SPFD54126B
© ORISE Technology Co., Ltd.
Proprietary & Confidential
30
Apr. 25, 2006
Preliminary Version: 0.1
6.2.7. RDDCOLMOD (0CH): Read Display Pixel Format
0CH
RDDCOLMOD (Read Display Pixel Format)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
(Code)
RDDCOLMOD
0
1
-
0
0
0
0
1
1
0
0
(0CH)
1
st Parameter
1
1
-
-
-
-
-
-
-
-
-
-
2
nd Parameter
1
1
-
VIPF3
VIPF2
VIPF1
VIPF0
D3
IFPF2
IFPF1
IFPF0
66h
NOTE: “-” Don’t care, can be set to VDDI or DGND level
Description
-This command indicates the current status of the display as described in the table below:
IFPF[2:0]
MCU Interface Color Format
011
3
12-bits/pixel
101
5
16-bits/pixel
110
6
18-bits/pixel
111
7
Reserved
Others are no define and invalid
VIPF[3:0]
RGB Interface Color Format
0101
5
16-bits/pixel (1-times data transfer)
0110
6
18-bits/pixel (1-times data transfer)
0111
7
Reserved
1110
14
18-bits/pixel (3-times data transfer)
Others are no define and invalid
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
IFPF[2:0]
VIPF[3:0]
Power On Sequence
0101 (16-bits/pixel)
0110 (18-bits/pixel)
S/W Reset
No Change
No Change
H/W Reset
0101 (16-bits/pixel)
0110 (18-bits/pixel)
Flow Chart
Host
Driver
Serial I/F Mode
RDDCOLMOD
(0CH)
Send D[7:0]
Parallel I/F Mode
RDDCOLMOD
(0CH)
Dummy Read
Send D[7:0]
Legend
Command
Parameter
Display
Action
Mode
Sequential
transfer
Evaluation Only. Created with Aspose.Pdf.Kit. Copyright 2002-2005 Aspose Pty Ltd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com