Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP7NC40 Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STP7NC40
Descripción Electrónicos  N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH™ I MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NC40 Datasheet(HTML) 3 Page - STMicroelectronics

  STP7NC40 Datasheet HTML 1Page - STMicroelectronics STP7NC40 Datasheet HTML 2Page - STMicroelectronics STP7NC40 Datasheet HTML 3Page - STMicroelectronics STP7NC40 Datasheet HTML 4Page - STMicroelectronics STP7NC40 Datasheet HTML 5Page - STMicroelectronics STP7NC40 Datasheet HTML 6Page - STMicroelectronics STP7NC40 Datasheet HTML 7Page - STMicroelectronics STP7NC40 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STP7NC40
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD = 200V, ID = 3 A
RG = 4.7Ω VGS = 10V
(see test circuit, Figure 3)
11
ns
tr
Rise Time
15
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 320V, ID =6A,
VGS = 10V
18
4
8.5
23
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp =320V, ID = 6 A
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
8
12
23
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
6
A
ISDM (2)
Source-drain Current (pulsed)
24
A
VSD (1)
Forward On Voltage
ISD = 6 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 6 A, di/dt = 100A/µs,
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
280
1.4
10
ns
µC
A
Safe Operating Area
Thermal Impedence



Html Pages

1 2 3 4 5 6 7 8