Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LFEC33 Datasheet(PDF) 32 Page - Lattice Semiconductor

No. de pieza LFEC33
Descripción Electrónicos  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC33 Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LFEC33 Datasheet HTML 28Page - Lattice Semiconductor LFEC33 Datasheet HTML 29Page - Lattice Semiconductor LFEC33 Datasheet HTML 30Page - Lattice Semiconductor LFEC33 Datasheet HTML 31Page - Lattice Semiconductor LFEC33 Datasheet HTML 32Page - Lattice Semiconductor LFEC33 Datasheet HTML 33Page - Lattice Semiconductor LFEC33 Datasheet HTML 34Page - Lattice Semiconductor LFEC33 Datasheet HTML 35Page - Lattice Semiconductor LFEC33 Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 163 page
background image
2-29
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Figure 2-34. LatticeECP/EC Banks
LatticeECP/EC devices contain two types of sysI/O buffer pairs.
1.
Top and Bottom sysI/O Buffer Pairs (Single-Ended Outputs Only)
The sysI/O buffer pairs in the top and bottom banks of the device consist of two single-ended output drivers
and two sets of single-ended input buffers (both ratioed and referenced). The referenced input buffer can also
be configured as a differential input.
The two pads in the pair are described as “true” and “comp”, where the true pad is associated with the positive
side of the differential input buffer and the comp (complementary) pad is associated with the negative side of
the differential input buffer.
Only the I/Os on the top and bottom banks have programmable PCI clamps. These I/O banks also support hot
socketing with IDK less than 1mA. Note that the PCI clamp is enabled after VCC, VCCAUX and VCCIO are at valid
operating levels and the device has been configured.
2.
Left and Right sysI/O Buffer Pairs (Differential and Single-Ended Outputs)
The sysI/O buffer pairs in the left and right banks of the device consist of two single-ended output drivers, two
sets of single-ended input buffers (both ratioed and referenced) and one differential output driver. The refer-
enced input buffer can also be configured as a differential input. In these banks the two pads in the pair are
described as “true” and “comp”, where the true pad is associated with the positive side of the differential I/O,
and the comp (complementary) pad is associated with the negative side of the differential I/O.
Only the left and right banks have LVDS differential output drivers. See the IDK specification for I/O leakage cur-
rent during power-up.
V
REF1(2)
GND
V
CCIO2
V
REF2(2)
V
REF1(3)
GND
V
CCIO3
V
REF2(3)
V
REF1(7)
GND
TOP
BOTTOM
V
CCIO7
V
REF2(7)
V
REF1(6)
GND
V
CCIO6
V
REF2(6)
Bank 5
Bank 4
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com