| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LFEC33 Datasheet(PDF) 22 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LFEC33 Datasheet(HTML) 22 Page - Lattice Semiconductor |
|
22 / 163 page ![]() 2-19 Architecture Lattice Semiconductor LatticeECP/EC Family Data Sheet Signed and Unsigned with Different Widths The DSP block supports different widths of signed and unsigned multipliers besides x9, x18 and x36 widths. For unsigned operands, unused upper data bits should be filled to create a valid x9, x18 or x36 operand. For signed two’s complement operands, sign extension of the most significant bit should be performed until x9, x18 or x36 width is reached. Table 2-8 provides an example of this. Table 2-8. An Example of Sign Extension OVERFLOW Flag from MAC The sysDSP block provides an overflow output to indicate that the accumulator has overflowed. When two unsigned numbers are added and the result is a smaller number then accumulator roll over is said to occur and overflow signal is indicated. When two positive numbers are added with a negative sum and when two negative numbers are added with a positive sum, then the accumulator “roll-over” is said to have occurred and an overflow signal is indicated. Note when overflow occurs the overflow flag is present for only one cycle. By counting these overflow pulses in FPGA logic, larger accumulators can be constructed. The conditions overflow signals for signed and unsigned operands are listed in Figure 2-23. Figure 2-23. Accumulator Overflow/Underflow Conditions Number Unsigned Unsigned 9-bit Unsigned 18-bit Signed Two’s Complement Signed 9-Bits Two’s Complement Signed 18-bits +5 0101 000000101 000000000000000101 0101 000000101 000000000000000101 -6 0110 000000110 000000000000000110 1010 111111010 111111111111111010 000000000 000000001 000000010 000000011 111111101 111111110 111111111 Overflow signal is generated for one cycle when this boundary is crossed 0 +1 +2 +3 -3 -2 -1 Unsigned Operation Signed Operation 0101111111 0101111110 0101111101 0101111100 1010000010 1010000001 1010000000 255 254 253 252 254 255 256 000000000 000000001 000000010 000000011 111111101 111111110 111111111 Carry signal is generated for one cycle when this boundary is crossed 0 1 2 3 509 510 511 0101111111 0101111110 0101111101 0101111100 1010000010 1010000001 1010000000 255 254 253 252 258 257 256 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |