Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STN4NF03 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STN4NF03
Descripción Electrónicos  N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF03 Datasheet(HTML) 6 Page - STMicroelectronics

  STN4NF03 Datasheet HTML 1Page - STMicroelectronics STN4NF03 Datasheet HTML 2Page - STMicroelectronics STN4NF03 Datasheet HTML 3Page - STMicroelectronics STN4NF03 Datasheet HTML 4Page - STMicroelectronics STN4NF03 Datasheet HTML 5Page - STMicroelectronics STN4NF03 Datasheet HTML 6Page - STMicroelectronics STN4NF03 Datasheet HTML 7Page - STMicroelectronics STN4NF03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STN4NF03L
6/8
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load



Html Pages

1 2 3 4 5 6 7 8