| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM6717 Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6717 Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 29 page ![]() STM6717/6718/6719/6720/STM6777/6778/6779/6780 DC and AC parameters 19/29 Table 6. DC and AC characteristics Sym Alter- native Description Test condition(1) Min Typ Max Unit VCC Operating voltage 0.8 5.5 V ICC1 VCC1 supply current VCC1 < 5.5V, all I/O pins open 12 35 µA VCC1 < 3.6V, all I/O pins open 8 23 µA ICC2 VCC2 supply current VCC2 < 3.6V, all I/O pins open 3 9 µA VCC2 < 2.75V, all I/O pins open 2.5 7 µA ILI (2) Input leakage current 0V = VIN = VCC –1 +1 µA ILO Open drain RST output leakage current VCC1 > VRST1, VCC2 > VRST2; RST not asserted 0.5 µA VOL Output low voltage (RST; push-pull or open drain) VCC1 or VCC2 ≥ 0.8V, ISINK = 1µA, RST asserted 0.3 V VCC1 or VCC2 ≥ 1.0V, ISINK = 50µA, RST asserted 0.3 V VCC1 or VCC2 ≥ 1.2V, ISINK = 100µA, RST asserted 0.3 V VCC1 or VCC2 ≥ 2.7V, ISINK = 1.2mA, RST asserted 0.3 V VCC1 or VCC2 ≥ 4.5V, ISINK = 3.2mA, RST asserted 0.4 V VOH Output high voltage (RST; push-pull only) VCC1 ≥ 1.8V, ISOURCE = 200µA, RST not asserted 0.8VCC1 V VCC1 ≥ 2.7V, ISOURCE = 500µA, RST not asserted 0.8VCC1 V VCC1 ≥ 4.5V, ISOURCE = 800µA, RST not asserted 0.8VCC1 V tR (3) Push-pull RST rise time (STM6718/20/78/80) Rise time measured from 10% to 90% of VCC; CL = 5pF, VCC = 3.3V 525 ns Reset thresholds VRST (4) VTH1 VCC1 reset threshold L (falling) 4.500 4.625 4.750 V M (falling) 4.250 4.375 4.500 V T (falling) 3.000 3.075 3.150 V S (falling) 2.850 2.925 3.000 V R (falling) 2.550 2.625 2.700 V Z (falling) 2.250 2.313 2.375 V Y (falling) 2.125 2.188 2.250 V W (falling) 1.620 1.665 1.710 V V (falling) 1.530 1.575 1.620 V |