| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM6717 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6717 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 29 page ![]() STM6717/6718/6719/6720/STM6777/6778/6779/6780 Maximum rating 17/29 4 Maximum rating Stressing the device above the rating listed in the Absolute Maximum Ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Note: Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C for between 90 to 150 seconds). Table 4. Absolute maximum ratings Symbol Parameter Value Unit TSTG Storage temperature (VCC Off) –55 to 150 °C TSLD (1) Lead solder temperature for 10 seconds 260 °C VIO Input or output voltage –0.3 to VCC1 + 0.3 V –0.3 to VCC2 + 0.3 V VCC1, VCC2 Supply voltage –0.3 to 7.0 V IIO Input or output current (all pins) 20 mA PD Power dissipation SOT23-5 654 mW SOT23-6 675 mW |