| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST20-C1 Datasheet(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Datasheet(HTML) 97 Page - STMicroelectronics |
|
97 / 205 page ![]() 97/205 8 Instruction Set Reference ® bitmask create bit mask Code: 22 F5 Description: Create a bit mask with a single bit set. The value in Areg indicates the bit that is to be set. Definition: Areg ′← 1 << Areg Status Register: No effect Comments: Secondary instruction. Areg must be in the range 0..31. See also: bitld section 4.8. |