Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LX2160A-RDB-B Datasheet(PDF) 75 Page - NXP Semiconductors

No. de pieza LX2160A-RDB-B
Descripción Electrónicos  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 71Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 72Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 73Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 74Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 75Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 76Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 77Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 78Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 116 page
background image
Table continued from the previous page...
Field
Function
CKLOL
0= SI5341 clock synthesize locked.
1= SI5341 clock synthesize has lost lock on outputs.
0
RT25G
Retimer 25G PHY Loss of Lock:
0= Retimer has lock on all lanes.
1= Retimer has lost lock on one or more lanes.
Note: Since the 25G retimer services a pair of independent lanes, the global lock reporting is less useful.
3.23 Watchdog (WATCH)
Address
Register
Offset
WATCH
01Fh
Function
The WATCH register selects the watchdog timer value used during the reconfiguration processes. When RCFG[WDEN] enables
the watchdog timer, a count down timer begins. If the DUT software does not disable or restart the watchdog timer within the
specified limits, the system restarts.
Note that the watchdog timer is not dependent upon a reconfiguration sequence being active. While it is typically enabled along
with RCFG[GO] as part of a reconfiguration sequence; in fact, it is independent and can be enabled for any reason.
Diagram
Bits
7
6
5
4
3
2
1
0
R
WATCH
W
CRST
00011111
Fields
Field
Function
7-0
WATCH
Watchdog timer value, as determined by the formula:
time-out = ( WATCH * 2 ) + 2 sec
Table continues on the next page...
NXP Semiconductors
Qixis Programming Model
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
75 / 116