Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LX2160A-RDB-B Datasheet(PDF) 34 Page - NXP Semiconductors

No. de pieza LX2160A-RDB-B
Descripción Electrónicos  Reference Design Board Reference
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

LX2160A-RDB-B Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LX2160A-RDB-B Datasheet HTML 30Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 31Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 32Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 33Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 34Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 35Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 36Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 37Page - NXP Semiconductors LX2160A-RDB-B Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
0
1
2
3
4
5
6
7
Thermal
Monitor
SA56004E
VDD
LTC3882
12V0_2
I2C1_CH2
I2C1_CH3
I2C1_CH2
Program
3V3_SB
THERM_ALARM_B
PCA9547PW
Addr = 0x75
I2C1_CH1
I2C1_CH0
DDR
UDIMM
#1-#4 SPD
Addr
0x51..0x54
2V5
3V3_SB
3V3_SB
3V3_SB
I2CBOOT
24AA512
I2C1_CH7
I2C1_CH4,
I2C1_CH5
I2C1_CH6
3V3_SB
Addr
0x50
3V3_SB
3V3_SB
3V3_SB
3V3_SB
3V3_SB
3V3_SB
3V3_SB
3V3_SB
3V3_SB
I2C1_CH3
Program
Addr
0x63
VDD Current
INA220
Addr
0x40
Addr
0x4C
3V3
3V3
3V3
3V3
3V3
3V3
XFI Conn: FTLX1371D3-BCL
3V3
3V3
3V3
3V3
3V3
THERM_WARN_B
SiLabs
Si5341
Addr
0x74
3V3
Slot1: PCIe
SiLabs
Si52208
Addr
0x6A
OVDD
Slot2: PCIe
Thermal
Monitor
SA56004F
Addr
0x4D
3V3_SB
2V5
2V5
I2C1_CH0_2V5
Microchip
EMC2305
Addr
0x4D
3V3
CS4223
Config
EEPROM
Addr
0x50
3V3
3V3
40G MAC2: zQSFP+
25G MAC5: SFP+
25G MAC6: SFP+
I2C1_CH6
Program
System ID
AT24C02C
3V3_SB
Addr
0x57
Volt. Tr ans.
NTSX2102GD
I2C1_CH1
Program
I2C1_CH0
Program
Figure 21. I2C channels
The following table describes all major devices available on I2C bus.
Table 17. I2C bus device map
I2C bus
7-bit address
Device
Description
Notes
I2C1
-
LX2160ARDB
I2C master
0x66
CPLD
I2C slave
I2C access to CPLD
BCSRs (registers).
0x77
NXP PCA9547PW
I2C bus multiplexer
(primary)
Converts I2C1 bus into
eight channels
I2C1_CH0
0x50
Microchip 24AA512-I/SN I2C boot memory
Provides I2C booting
option
0x51
256-byte EEPROM
SPD data
Stores SPD and
temperature data for
DDR#1 UDIMM
connector 1
Table continues on the next page...
NXP Semiconductors
LX2160ARDB Functional Description
QorIQ LX2160A Reference Design Board Reference Manual, Rev. 4, 07/2020
Reference Manual
34 / 116