Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

52719 Datasheet(PDF) 7 Page - Wiha Tools

No. de pieza 52719
Descripción Electrónicos  PROFESSIONAL TOOLS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WIHA [Wiha Tools]
Página de inicio  https://www.wihatools.com/
Logo WIHA - Wiha Tools

52719 Datasheet(HTML) 7 Page - Wiha Tools

Back Button 52719 Datasheet HTML 3Page - Wiha Tools 52719 Datasheet HTML 4Page - Wiha Tools 52719 Datasheet HTML 5Page - Wiha Tools 52719 Datasheet HTML 6Page - Wiha Tools 52719 Datasheet HTML 7Page - Wiha Tools 52719 Datasheet HTML 8Page - Wiha Tools 52719 Datasheet HTML 9Page - Wiha Tools 52719 Datasheet HTML 10Page - Wiha Tools 52719 Datasheet HTML 11Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
Wiha Insulated
Screwdrivers
Screwdriver, With Wiha-SoftFinish® Handle Insulation According to
ASTM F-1505-10, New VDE Specification 0682/part 201 and EN/IEC 60900, NFPA70E,
up to 1000 Volt. Individually Tested.
Blade high alloy cvm steel, hardened, black finish. Insulation molded directly onto blade.
Item
No.
Size
mm
Inch
mm
Inch
lbs.
pkg.
T5
60
2.4
164
6.5
.06
10
T6
60
2.4
164
6.5
.06
10
T7
60
2.4
164
6.5
.06
10
T8
60
2.4
164
6.5
.06
10
T9
60
2.4
164
6.5
.06
10
T10
60
2.4
164
6.5
.06
10
T15
80
3.1
191
7.5
.12
10
T20
80
3.1
191
7.5
.12
10
T25
80
3.1
198
7.8
.17
10
T27
100
3.9
218
8.6
.20
10
T30
100
3.9
218
8.6
.20
10
T40
150
5.9
274
10.8
.30
10
T45
150
5.9
274
10.8
.35
10
Set 6 Pcs.
Item
No.
Size mm
Size mm
lbs.
T8
60
T15
80
.83
T9
60
T20
80
T10 60
T25
80
1000Volt
1000Volt
Set 10 Pcs.
Item
No.
Size mm
Size mm
lbs.
T6
60
T15
80
1.2
T7
60
T20
80
T8
60
T25
80
T9
60
T27
100
T10
60
T30
100
1000Volt
Screwdriver, With Wiha-MicroFinish Handle
Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha-MicroFinish
handle, cellulose-acetate, impact resistant, non-slip, oil and grease resistant. Round blades.
Item
No.
Size
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
T9
60
2.4
4.0
.157
171
6.7
.15
10
T10
80
3.1
4.0
.157
191
7.5
.15
10
T15
80
3.1
4.0
.157
191
7.5
.15
10
T20
100
3.9
4.0
.157
211
8.3
.15
10
T25
100
3.9
4.5
.177
211
8.3
.16
10
T27
115
4.5
5.5
.216
233
9.2
.25
10
T30
115
4.5
6.0
.236
233
9.2
.27
10
T40
130
5.1
7.0
.275
254
10.0
.40
10
Wiha
MicroFinish Handle Non-Slip Grip
Wiha MicroFinish handle has a patented non-slip surface -
it won’t peel, crack or deteriorate when exposed to
petroleum solvents. Oil and moisture flow away
from the handle surface for a powerful, non-slip
grip. You get maximum force and comfort
with dry, oily or wet hands.
Exact
fit precision
ground tips
Blades are hardened
& hard chromed
Safe, high density material,
eliminates risk of sharp
objects becoming embedded
in the handle
MicroFinish Handle
with patented non-slip surface. Ergo handle shape
for maximum comfort & exceptional torque transfer
Set 5 Pcs.
Item
No.
Size mm
Size mm
lbs.
T10
80
T25 100
1.0
T15
80
T30 115
T20
100
Set 8 Pcs.
Item
No.
Size mm
Size mm
lbs.
T9
60
T25 100
1.89
T10 80
T27 115
T15 80
T30 115
T20 100
T40 130
www.wihatools.com
325
32505
32511
32516
32521
32526
32531
32536
32541
32546
32551
32556
32561
32566
32590
32590
32592
32592
527
52711
52713
52716
52719
52722
52726
52729
52732
52790
52790
52791
52791



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com