| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
52719 Datasheet(PDF) 17 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
52719 Datasheet(HTML) 17 Page - Wiha Tools |
|
17 / 40 page ![]() 17 Set 7 Pcs. Blade high alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish handle, multi-component. Item No. IP8, IP10, IP15, IP20, lbs. IP25, IP30, IP40 1.23 Screwdriver With Wiha SoftFinish Handle Round blade high alloy CVM tool steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. IP6 60 2.4 3.5 .139 164 6.5 .06 10 IP7 60 2.4 3.5 .139 164 6.5 .06 10 IP8 60 2.4 4.0 .157 171 6.7 .10 10 IP9 60 2.4 4.0 .157 171 6.7 .11 10 IP10 80 3.1 4.0 .157 191 7.5 .11 10 IP15 80 3.1 4.0 .157 191 7.5 .11 10 IP20 100 3.9 4.5 .177 211 8.3 .11 10 IP25 100 3.9 5.5 .216 211 8.3 .19 10 IP27 115 4.5 6.0 .236 233 9.2 .20 10 IP30 115 4.5 7.0 .275 233 9.2 .28 10 IP40 130 5.1 7.0 .275 254 10.0 .28 10 Set 6 Pcs. Blade high alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish handle, multi-component. Item No. IP6, IP7, IP8, IP9 .72 IP10, IP15 Screwdriver, With Wiha T-handle Blade high alloy chrome-vanadium-molybdenum steel, hardened, hard chromed. Wiha T-handle high quality plastic, impact resistant. Item No. Size mm Inch mm Inch mm Inch lbs pkg. IP9 100 3.9 4.0 .157 80 3.1 .07 10 IP10 100 3.9 4.0 .157 80 3.1 .07 10 IP15 100 3.9 4.0 .157 80 3.1 .07 10 IP20 100 3.9 4.0 .157 80 3.1 .10 10 IP25 150 5.9 8.0 .315 120 4.7 .13 10 IP27 150 5.9 8.0 .315 120 4.7 .14 10 IP30 150 5.9 8.0 .315 120 4.7 .16 10 IP40 150 5.9 8.0 .315 120 4.7 .20 10 Set 6 Pc. T-handles Blade CVM steel, hardened, hard chromed. Chromtop blade tips. Wiha T-handle high quality plastic, impact resistant. Item No. Size mm Size mm lbs. IP10 100 IP25 150 1.01 IP15 100 IP27 150 IP20 100 IP30 150 Wiha T-handle Wiha Cushion Grip Drivers Not for use in standard Torx fasteners Not for use in standard Torx fasteners Set 8 Pcs. Blade high alloy CVM steel, hardened, hard chromed. Wiha-SoftFinish handle, multi-component. Item No. IP6, IP7, IP8, IP9 lbs. IP10, IP15, IP20, IP25 1.35 Screwdriver With Wiha SoftFinish Handle In Clamshell Round blade high alloy CVM tool steel, hardened, hard chromed. Wiha-Chromtop finish on tips. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. IP6 60 2.4 3.5 .139 164 6.5 .06 1 IP7 60 2.4 3.5 .139 164 6.5 .06 1 IP8 60 2.4 4.0 .157 171 6.7 .10 1 IP9 60 2.4 4.0 .157 171 6.7 .11 1 IP10 80 3.1 4.0 .157 191 7.5 .11 1 IP15 80 3.1 4.0 .157 191 7.5 .11 1 IP20 100 3.9 4.5 .177 211 8.3 .11 1 IP25 100 3.9 5.5 .216 211 8.3 .19 1 IP27 115 4.5 6.0 .236 233 9.2 .20 1 IP30 115 4.5 7.0 .275 233 9.2 .28 1 IP40 130 5.1 7.0 .275 254 10.0 .28 1 362 36214 36231 36232 36241 36242 36246 36247 36252 36262 36263 36265 www.wihatools.com 362 36211 36223 36228 36229 36233 36238 36239 36243 36248 36253 36255 364 36461 36463 36466 36469 36472 36474 36476 36478 36299 36299 36296 36296 36496 36496 36297 36297 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |