Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X7R Datasheet(PDF) 21 Page - EPCOS

No. de pieza X7R
Descripción Electrónicos  Multilayer ceramic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 21 Page - EPCOS

Back Button X7R Datasheet HTML 16Page - EPCOS X7R Datasheet HTML 17Page - EPCOS X7R Datasheet HTML 18Page - EPCOS X7R Datasheet HTML 19Page - EPCOS X7R Datasheet HTML 20Page - EPCOS X7R Datasheet HTML 21Page - EPCOS X7R Datasheet HTML 22Page - EPCOS X7R Datasheet HTML 23Page - EPCOS X7R Datasheet HTML 24Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Multilayer ceramic capacitors
21
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X7R
Typical characteristics1)
Impedance |Z| versus
frequency f
Dissipation factor tan
d versus
temperature T
Insulation resistance Rins versus
temperature T
Capacitance change
DC/C1 versus
time t
1) For more detailed information on frequency behavior and characteristics see www.epcos.com/mlcc_impedance.
KKE0188-B
Z
f
220 nF
10 0
1
10
2
10
3
10
Ω
10 0
1
10
2
10
3
10
10 4
22 nF
2.2 nF
220 pF
MHz
2
10
_
10
_1
KKE0189-J
T
δ
tan
0
20 40 60 80 100
140
60
_
40
_
20
_
1
10
_
10
_2
10
_3
C
˚
KKE0190-M
0
T
ins
8
10
Ω
10 6
10 5
10 4
10 3
10 2
M
R
20
40
60
80
100
140
C
˚
KKE0394-X
5
10
%
0
5
__
C1
C
∆
10
__
15
__
20
__
t
h
0
10
1
10
2
10
10 3
10 45
10
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com