Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X7R Datasheet(PDF) 19 Page - EPCOS

No. de pieza X7R
Descripción Electrónicos  Multilayer ceramic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 19 Page - EPCOS

Back Button X7R Datasheet HTML 15Page - EPCOS X7R Datasheet HTML 16Page - EPCOS X7R Datasheet HTML 17Page - EPCOS X7R Datasheet HTML 18Page - EPCOS X7R Datasheet HTML 19Page - EPCOS X7R Datasheet HTML 20Page - EPCOS X7R Datasheet HTML 21Page - EPCOS X7R Datasheet HTML 22Page - EPCOS X7R Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Multilayer ceramic capacitors
19
10/06
Please read Cautions and warnings and
Important notes at the end of this document.
X7R
Ordering codes and packing for X7R, 50 VDC, nickel barrier terminations
Chip thickness
Blister tape,
Æ 180-mm reel
Blister tape,
Æ 330-mm reel
**
62
**
72
CR1)
Ordering code2)
mm
pcs/reel
pcs/reel
Case size 1812, 50 VDC
100. nF
B37953K5104K0**
1.2
±0.1
1500
5000
220. nF
B37953K5224K0**
1.2
±0.1
1500
5000
330. nF
B37953K5334K0**
1.2
±0.1
1500
5000
470. nF
B37953K5474K0**
1.2
±0.1
1500
5000
Case size 2220, 50 VDC
470. nF
B37956K5474K0**
1.2
±0.1
1500
5000
1.0
mF
B37956K5105K0**
1.2
±0.1
1500
5000
1) Other capacitance values on request.
2) The table contains the ordering codes for the standard capacitance tolerance.
For other available capacitance tolerances see page 4.
^
^
X7R; 1812 and 2220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com