Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC3GU04DP Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

No. de pieza 74HC3GU04DP
Descripción Electrónicos  Triple unbuffered inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC3GU04DP Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HC3GU04DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC3GU04DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC3GU04
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 2 October 2013
12 of 17
Nexperia
74HC3GU04
Triple unbuffered inverter
Fig 16. Package outline SOT765-1 (VSSOP8)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.85
0.60
0.27
0.17
0.23
0.08
2.1
1.9
2.4
2.2
0.5
3.2
3.0
0.4
0.1
8
°
0
°
0.13
0.1
0.2
0.4
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.40
0.15
Q
0.21
0.19
SOT765-1
MO-187
02-06-07
w M
bp
D
Z
e
0.12
14
8
5
θ
A2
A1
Q
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
VSSOP8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
SOT765-1
1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com