| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC3GU04DP Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
74HC3GU04DP Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 17 page ![]() © Nexperia B.V. 2017. All rights reserved 74HC3GU04 All information provided in this document is subject to legal disclaimers. Product data sheet Rev. 5 — 2 October 2013 10 of 17 Nexperia 74HC3GU04 Triple unbuffered inverter Test data is given in Table 11 and Table 12. C1 = 47 pF (typical). C2 = 22 pF (typical). R1 = 1 M to 10 M (typical). R2 optimum value depends on the frequency and required stability against changes in VCC or average minimum ICC (ICC =2mA at VCC = 3.0 V and f = 1 MHz) Fig 14. Crystal oscillator application mna053 U04 out R2 R1 C1 C2 Table 11. External components for resonator (f < 1 MHz) Frequency R1 R2 C1 C2 10 kHz to 15.9 kHz 2.2 M 220 k 56 pF 20 pF 16 kHz to 24.9 kHz 2.2 M 220 k 56 pF 10 pF 25 kHz to 54.9 kHz 2.2 M 100 k 56 pF 10 pF 55 kHz to 129.9 kHz 2.2 M 100 k 47 pF 5 pF 130 kHz to 199.9 kHz 2.2 M 47 k 47 pF 5 pF 200 kHz to 349.9 kHz 2.2 M 47 k 47 pF 5 pF 350 kHz to 600 kHz 2.2 M 47 k 47 pF 5 pF Table 12. Optimum value for R2 Frequency R2 Optimum 3 kHz 2.0 k minimum required ICC 8.0 k minimum influence due to change in VCC 6 kHz 1.0 k minimum required ICC 4.7 k minimum influence by VCC 10 kHz 0.5 k minimum required ICC 2.0 k minimum influence by VCC 14 kHz 0.5 k minimum required ICC 2.0 k minimum influence by VCC > 14 kHz replace R2 by C3 = 35 pF (typical) |