Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML22Q533 Datasheet(PDF) 61 Page - Rohm

No. de pieza ML22Q533
Descripción Electrónicos  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 61 Page - Rohm

Back Button ML22Q533 Datasheet HTML 57Page - Rohm ML22Q533 Datasheet HTML 58Page - Rohm ML22Q533 Datasheet HTML 59Page - Rohm ML22Q533 Datasheet HTML 60Page - Rohm ML22Q533 Datasheet HTML 61Page - Rohm ML22Q533 Datasheet HTML 62Page - Rohm ML22Q533 Datasheet HTML 63Page - Rohm ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Setting playback phrases using FADR command
CSB
Status
Command is being processed
SCK
SI
NCRn
BUSYBn
Awaiting command
FADR command
1
st byte
(internal)
(internal)
VOH
VOL
CBUSYB
Awaiting command
FADR command
2
nd byte
Awaiting command
Command is being processed
tCB1
tCB1
61/178