Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML22Q533 Datasheet(PDF) 31 Page - Rohm

No. de pieza ML22Q533
Descripción Electrónicos  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 31 Page - Rohm

Back Button ML22Q533 Datasheet HTML 27Page - Rohm ML22Q533 Datasheet HTML 28Page - Rohm ML22Q533 Datasheet HTML 29Page - Rohm ML22Q533 Datasheet HTML 30Page - Rohm ML22Q533 Datasheet HTML 31Page - Rohm ML22Q533 Datasheet HTML 32Page - Rohm ML22Q533 Datasheet HTML 33Page - Rohm ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Waveform clamp precautions for mixing
When mixing, the clamp may be generated as shown in the figure below due to the calculation of the synthesis. If the clamp
is known to be generated in advance, adjust the volume of each channel by CVOL and PAN commands.
SPVDD
SPGND
Channel 0
Channel 1
For channels 0 and 1
Mixing waveform
If the result of mixing channels 0 and 1 exceeds from the 1/6SPVDD to 5/6SPVDD level
(as indicated by the broken line), the sound quality may be reduced by clamping.
Waveforms when AVOL is set to 0.0dB.
1/6SPVDD
5/6SPVDD
SPGND
1/6SPVDD
SPVDD
5/6SPVDD
SPGND
1/6SPVDD
SPVDD
5/6SPVDD
31/178