Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-CSLNM1-13 Datasheet(PDF) 2 Page - ams-OSRAM AG

No. de pieza KT-CSLNM1-13
Descripción Electrónicos  OSRAM OSTAR™ Projection Compact
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSOSRAM [ams-OSRAM AG]
Página de inicio  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KT-CSLNM1-13 Datasheet(HTML) 2 Page - ams-OSRAM AG

  KT-CSLNM1-13 Datasheet HTML 1Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 2Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 3Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 4Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 5Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 6Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 7Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 8Page - ams-OSRAM AG KT-CSLNM1-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
KT CSLNM1.13
DATASHEET
DATASHEET
2 | Version 1.3 | 2025-07-25
OSRAM OSTAR™ Projection Compact
KT CSLNM1.13
Compact light source with isolated heat sink for improved heat
dissipation and high current chip technology for increased light
output.
Applications
- Entertainment
- Factory Automation
- Projection & Display
- Visualization
Features
- Package: white molded SMD ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 525 nm (● true green)
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com