Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFECAB Datasheet(PDF) 11 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFECAB
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 7Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 9Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 12Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 13Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 14Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 295 page
background image
1.4
Function Comparison
Table 1.14
Function Comparison (1 of 2)
Parts number
R7KA8M2
AxxCAC
R7KA8M2
JxxCAC
R7KA8M2
AxxCAB
R7KA8M2
JxxCAB
R7KA8M2
AxxCAM
R7KA8M2
JxxCAM
R7KA8M2
AxxCHC
R7KA8M2
JxxCHC
R7JA8M2
JxxSAJ
Pin count
289
224
169
176
303
Package
BGA
HLQFP
BGA
I/O Port
208
149
109
130
195
Code MRAM
1 MB, 512 KB
1 MB
CPU0 TCM
256 KB
CPU1 TCM
No
128 KB
No
128 KB
No
128 KB
No
128 KB
CPU0 I/D Caches
32 KB
CPU1 C/S Caches
No
32 KB
No
32 KB
No
32 KB
No
32 KB
SRAM
1792 KB
1664 KB
1792 KB
1664 KB
1792 KB
1664 KB
1792 KB
1664 KB
Flash
No
8 MB, 4
MB
DMA
DTC
1
2
1
2
1
2
1
2
DMAC
8
16
8
16
8
16
8
16
BUS
External
bus
32-bit bus
16-bit bus
No
16-bit bus
SDRAM
32-bit bus
16-bit bus
No
16-bit bus
System
CPU0
clock
1 GHz (max.)
600 MHz (max.)
1 GHz
(max.)
CPU1
clock
No
250 MHz
(max.)
No
250 MHz
(max.)
No
250 MHz
(max.)
No
200 MHz
(max.)
250 MHz
(max.)
CPUs
clock
sources
MOSC, SOSC, HOCO, MOCO, PLL1P
CAC
Yes
WDT
1
2
1
2
1
2
1
2
IWDT
Yes
Backup
register
128 B
Communic
ation
SCI
10
9
10
9
10
IIC
3
I3C
Yes
SPI
2
CANFD
2
USBFS
Yes
USBHS
Yes
No
Yes
OSPI
2
1
1*3
1
2*2
SSIE
2
SDHI/MM
C
2
1*4
2
ESWM
MII, RMII, GMII, RGMII MII, RMII, RGMII
RMII*5
MII, RMII
MII, RMII,
GMII,
RGMII
PDMIF
Yes
RA8M2 Datasheet
1. Overview
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 11 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com