Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFECAB Datasheet(PDF) 53 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFECAB
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAB Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAB Datasheet HTML 49Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 50Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 51Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 52Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 53Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 54Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 55Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 56Page - Renesas Technology Corp R7KA8M2AFECAB Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 295 page
background image
2.2.4
I/O VOH, VOL, and Other Characteristics
Table 2.7
I/O VOH, VOL, and other characteristics (1 of 3)
Parameter
VCC/
VCC2/
AVCC0/
VCC_US
B
Symbol
Min
Typ Max
Unit
Test conditions
Output
voltage
IIC
2.70 V or
above
VOL
—
—
0.4
V
IOL = 3.0 mA
VOL
—
—
0.6
IOL = 6.0 mA
1.62 V to
1.95 V
VOL
—
—
VCC × 0.2
IOL = 2.0 mA
VOL
—
—
0.4
IOL = 3.0 mA
VOL
—
—
0.6*4
IOL = 6.0 mA
VOL
—
—
VCC2 × 0.2
IOL = 2.0 mA
IIC*1
2.70 V or
above
VOL
—
—
0.4
IOL = 15.0 mA (ICFER.FMPE = 1)
VOL
—
0.4
—
IOL = 20.0 mA (ICFER.FMPE = 1)
1.62 V to
1.95 V
VOL
—
—
0.4
IOL = 15.0 mA (ICFER.FMPE = 1)
VOL
—
0.4
—
IOL = 20.0 mA (ICFER.FMPE = 1)
I3C
2.70 V or
above
VOL
—
—
0.4
IOL = 3.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
0.6
IOL = 6.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
0.4
IOL = 15.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1, BFCTL.HSME = 0)
VOL
—
0.4
—
IOL = 20.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1, BFCTL.HSME = 0)
3.00 V or
above
VOL
—
—
0.4
IOL = 3.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 1)
VOH
VCC − 0.27
—
—
IOH = 3.0 mA (PRTS.PRTMD = 0,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
0.27
IOL = 3.0 mA (PRTS.PRTMD = 0,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
1.65 V to
1.95 V
VOL
—
—
VCC × 0.2
IOL = 2.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
0.4
IOL = 3.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
0.6
IOL = 6.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
VCC × 0.2
IOL = 2.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1, BFCTL.HSME = 0)
VOL
—
—
0.4
IOL = 15.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1, BFCTL.HSME = 0)
VOL
—
0.4
—
IOL = 20.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 1, BFCTL.HSME = 0)
VOL
—
—
VCC × 0.2
IOL = 3.0 mA (PRTS.PRTMD = 1,
BFCTL.FMPE = 0, BFCTL.HSME = 1)
VOH
VCC − 0.27
—
—
IOH = 3.0 mA (PRTS.PRTMD = 0,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
VOL
—
—
0.27
IOL = 3.0 mA (PRTS.PRTMD = 0,
BFCTL.FMPE = 0, BFCTL.HSME = 0)
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 53 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com