| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
301020013 Datasheet(PDF) 70 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 Datasheet(HTML) 70 Page - ams-OSRAM AG |
|
70 / 109 page ![]() Dragster Pin description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 70 / 109 / Pin number Pin name Pin type(1) 107 Not connected 108 Not connected 109 Not connected 110 Not connected 111 Not connected 112 Not connected 113 Not connected 114 Not connected 115 Not connected 116 Not connected 117 Not connected 118 Not connected 119 Not connected 120 VSSESD/IO GND (1) Explanation of abbreviations: DI Digital Input DO Digital Output Information: SCLK and MOSI are connected between connector 1 and connector 3 in the headboard, resulting names are SCLK_AB_EF and MOSI_AB_EF. The user can provide the headboard one pair of this signals to connector 1 or 3 to communicate with the SPI, taking the advantage that two IO lines from the control unit (FPGA or CPLD) are saved. Each SPI can be selected individually by selecting respective negative chip select pin. |